Part Number Hot Search : 
XCS10 8ETU04S 2SC3210 SML70023 2SC4475 74HC485 MA40030 C330K
Product Description
Full Text Search
 

To Download PD-1170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway PD-1170 **************************************************************************************************************************************************************** *************************************************** ****** ************************************************************ **** *************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2003 v1.0 ingaas pin photodiode PD-1170 3 mm ingaas pin photdiode with to-5 package *********************************************************************************************** ****** **** ****** ************************************************* features 2 high responsivity for dual windows at 1310 nm and 1550 nm 2 low dark current 2 hermetically sealed to-5 3-pin metal case 2 active diameter 3 mm 2 flat window cap package description PD-1170 ingaas photodiode are suited to receive the light at the wavelength range from 800 nm to 1650 nm. with high reliability, PD-1170 series are the best choice for power monitor application. electrical and optical characteristics (t c =25 o c) symbol parameter test conditions min. typ. max. unit active area 3 mm detection range 800 1650 nm v r =3v, =1300 nm 0.85 0.9 r responsivity v r =3v, =1550 nm 0.90 1.0 a/w i dark dark current v r =3v 50 na c capacitance v r =3v 750 1800 pf shunt resistance v r =10mv 1 10 m absolute maximum ratings (t c =25 o c) symbol parameter ratings unit po input optical power 10 mw v rd reverse voltage 5 v i fd forward current 10 ma t opr operating temperature -40~+85 o c t stg storage temperature -40~+85 o c
optoway PD-1170 **************************************************************************************************************************************************************** *************************************************** ****** ************************************************************ **** *************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 8/1/2003 v1.0 mechanical dimension (mm) and pin assignment case pd(-) pd(+) note: 1. specifications subject to change without notice. order information part no.: p d - 1 1 7 0


▲Up To Search▲   

 
Price & Availability of PD-1170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X